Part Number Hot Search : 
100M10 STV2246 ZX84C6V8 HD74S04 HSM105 A0100 18000 EPF8061S
Product Description
Full Text Search
 

To Download DSL04 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  this is information on a product in full production. february 2015 docid022867 rev 2 1/7 DSL04 low capacitance tvs for high speed lines such as xdsl datasheet - production data features ? high surge capability to comply with gr-1089 and itu-t k20/21 ? voltages from 5 to 24 v ? low capacitance device: c typ = 1 pf ? rohs package ? low leakage current: 0.2 a at 25 c complies with the following standards ? telcordia gr-1089 ? 2.5 kv 2/10 s - 500 a 2/10 s ? ac power fault tests ? itu-t k20/21/44 ? 6 kv 10/700 s - 150 a 5/310 s ? power induction tests ? power contact tests ? iec 61000-4-2, level 4 ? 15 kv (air discharge) ? 8 kv (contact discharge ? iec 61000-4-5, level 2 ? 1 kv, 42 ? ? mil std 883g-method 3015-7: class 3 ? 8 kv (human body model) description DSL04 is designed to protect vdsl2 line drivers against surges defined in worldwide telecommunication standards. this device protects line drivers for cpe and dslam applications. the low capacitance makes it suitable from adsl to vdsl2 data rates. DSL04 is able to survive severe conditions even when used with downgraded or oscillating gas tube. DSL04 is packaged in a sot23-6l. figure 1. functional diagram 627/ i/o1 i/o1 -v ld +v ld i/o2 i/o2 www.st.com
characteristics DSL04 2/7 docid022867 rev 2 1 characteristics table 1. absolute ratings (t amb = 25 c) symbol parameter value unit v pp peak pulse voltage iec 61000-4-5 contact discharge 30 kv i pp peak pulse current 8/20s 15 a t stg storage temperature range -55 to 150 c t j operating junction temperature range -40 to 125 c t l maximum temperature for soldering during 10s 260 c table 2. electrical characteristics (t amb = 25 c) order code i rm @ v rm v br @ i br v cl @ i pp 8/20 s c c max. a v min. v ma max. v a typ. (1) pf max. (1) pf typ. (2) pf DSL04-005sc6 0.2 5 6.5 1 20 15 1 3 0.3 DSL04-008sc6 0.2 8 10 1 25 15 1 3 0.3 DSL04-010sc6 0.2 10 11 1 27 15 1 3 0.3 DSL04-012sc6 0.2 12 14 1 31 15 1 3 0.3 DSL04-016sc6 0.2 16 20 1 37 15 1 3 0.3 DSL04-018sc6 0.2 18 21 1 39 15 1 3 0.3 DSL04-020sc6 0.2 20 23 1 42 15 1 3 0.3 DSL04-022sc6 0.2 22 25 1 45 15 1 3 0.3 DSL04-024sc6 0.2 24 27 1 52 15 1 3 0.3 1. test conditions: v r = 2 v bias, v rms = 1 v, f = 1 mhz 2. measured between 1 v and v rm
docid022867 rev 2 3/7 DSL04 characteristics 7 figure 4. i / v characteristics (typical values) figure 2. leakage current versus junction temperature (typical values) figure 3. junction capacitance versus reverse voltage applied (typical values) t j (c) 0.10 1.00 10.00 100.00 25 50 75 100 125 i r (na) c (pf) 0 1 2 3 0 2 4 6 8 10 12 14 16 18 20 22 24 v r (v) f=1 mhz v osc =1v rms t j =25 c for lower voltages, maximum voltage applied is limited to v rm DSL04-024sc6 0 50 100 150 200 250 300 350 400 450 500 20 20.5 21 21.5 DSL04-016sc6 : i = f(v) v (v) i (a)
package information DSL04 4/7 docid022867 rev 2 2 package information ? epoxy meets ul94, v0 ? lead-free package in order to meet environmental requirements, st offers these devices in different grades of ecopack ? packages, depending on their level of environmental compliance. ecopack ? specifications, grade definitions and product status are available at: www.st.com . ecopack ? is an st trademark. figure 5. sot23-6l dimension definitions table 3. sot23-6l dimension values ref. dimensions millimeters inches min. max. min. max. a 0.90 1.45 0.035 0.057 a1 0 0.10 0 0.004 a2 0.90 1.30 0.035 0.051 b 0.35 0.50 0.014 0.020 c 0.09 0.20 0.004 0.008 d 2.80 3.05 0.11 0.118 e 1.50 1.75 0.059 0.069 e 0.95 0.037 h 2.60 3.00 0.102 0.118 l 0.10 0.60 0.004 0.024 0 10 0 10 a2 a l h c b e d e e a1 q
docid022867 rev 2 5/7 DSL04 package information 7 figure 6. footprint recommendations dimensions in mm (inches) figure 7. marking layout             x x x x
ordering information DSL04 6/7 docid022867 rev 2 3 ordering information figure 8. ordering information scheme 4 revision history table 4. ordering information ordering code marking package weight base qty delivery mode DSL04-005sc6 dt05 sot23-6l 14 mg 3000 tape and reel DSL04-008sc6 dt08 DSL04-010sc6 dt10 DSL04-012sc6 dt12 DSL04-016sc6 dt16 DSL04-018sc6 dt18 DSL04-020sc6 dt20 DSL04-022sc6 dt22 DSL04-024sc6 dt24 dsl 0x - vvv sc6 dsl protection version stand-off voltage package 010 = 10 v sc6 = sot23-6l table 5. document revision history date revision changes 24-feb-2012 1 initial release 03-feb-2015 2 reformatted to current standard.
docid022867 rev 2 7/7 DSL04 7 important notice ? please read carefully stmicroelectronics nv and its subsidiaries (?st?) reserve the right to make changes, corrections, enhancements, modifications, and improvements to st products and/or to this document at any time without notice. purchasers should obtain the latest relevant in formation on st products before placing orders. st products are sold pursuant to st?s terms and conditions of sale in place at the time of o rder acknowledgement. purchasers are solely responsible for the choice, selection, and use of st products and st assumes no liability for application assistance or the design of purchasers? products. no license, express or implied, to any intellectual property right is granted by st herein. resale of st products with provisions different from the information set forth herein shall void any warranty granted by st for such product. st and the st logo are trademarks of st. all other product or service names are the property of their respective owners. information in this document supersedes and replaces information previously supplied in any prior versions of this document. ? 2015 stmicroelectronics ? all rights reserved


▲Up To Search▲   

 
Price & Availability of DSL04

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X